PART |
Description |
Maker |
HTS00682004FPA20 HTS00631006FPA20 HTS00684875FPA20 |
HTS High Ohmic Values (up to 100 Gohm), High Voltage Resistors (up to 50 kV) Thick Film Technology
|
Vishay Sfernice
|
VR25000001503KR500 VR25000001504KR500 VR2500000150 |
High Ohmic/High Voltage Resistors
|
Vishay Siliconix
|
PMA0207 |
Metal Film Resistors, Precision, High Stability 金属膜电阻器,高精度,高稳定 Metal Film Resistors, Precision, High Stability, Special stabilized metal alloy on high quality ceramic, Suitable for precision measuring techniques and precision control engineering
|
VISAY[Vishay Siliconix]
|
MGM55100KOHMS MGM60 MGM65 MGM70 |
High Voltage Metal Glaze Film Resistors
|
Riedon Powertron
|
HVW0011K000JBJ HVW0011K000JEE HVW0011K000JEK HVW00 |
Metal Alloy Resistors, Special Purpose, High Voltage
|
Vishay Siliconix
|
LTR10EVHFL LTR10EVHFS LTR10EVHJL LTR10EVHJS LTR101 |
High Power Low Ohmic Chip Resistors Terminal type
|
Rohm
|
TX2-12V |
TX-relay. 2 Amp. High capacity relay with high surge voltage & high breakdown voltage. Standard PC board terminal. Single side stable. Nominal voltage 12 V DC.
|
Panasonic / NAiS
|
IXSH45N120B IXSH45B120B IXST45B120B |
High Voltage IGBT S Series - Improved SCSOA Capability IGBT Discretes: Low Saturation Voltage Types High Voltage IGBT(VCES200V,VCE(sat).0V的高电压绝缘栅双极晶体管) 75 A, 1200 V, N-CHANNEL IGBT, TO-247AD 1200V high voltage IGBT
|
IXYS Corporation IXYS, Corp.
|
BD115 |
0.875W High Voltage NPN Metal Can Transistor. 180V Vceo, 0.200A Ic, 22 hFE.
|
Continental Device India Limited
|